Part Number Hot Search : 
B18BE 2SC4414 A1302EUA W24258LL 2SD14 8251A BZT52C12 TLP2962
Product Description
Full Text Search
 

To Download AN2720SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Anchor Chips Single-Chip EZ-Link (AN2720SC)
Features
* * * * * * * Tiniest completely integrated solution in the market 32 PQFP Only requires crystal for full implementation Meets difficult suspend current of 500 uA for both hosts 2K data buffer for maximum speed transfer Greater than 4 Mbps data transfer rate Low power - Less than 100 mW power
Overview
The Anchor Chips AN2720SC provides a single-chip solution for networking two computers via their USB ports. In a USB system, the PC acts as a host, which initiates all USB traffic. USB devices act as slaves, which respond to host requests. It is inherently incompatible to connect two PCs together via a simple USB cable, since a master (host) cannot talk to another master (host). A master can talk only to one or more slave devices. The AN2720SC overcomes this "peer-to-peer" incompatibility by providing two USB devices, one for each PC. Two independent Serial Interface Engines (SIE) exchange data through a 2 kilobyte FIFO. Thus, USB data transmitted by one computer is made available to the other computer through the AN2720SC. The connection is full duplex- data can be transferred in both directions simultaneously.
AN2720SC Block Diagram System Application
Applications and Markets
The use of the AN2720SC and special network driver software provided by Anchor Chips allows very simple and efficient networking between PCs. The "plug-and-play" nature of USB makes connecting two computers (even when powered) very simple. With the AN2720SC, simple networking can be provided in numerous form factors including: * USB standalone hubs * Computer monitors with USB hubs * Standalone USB cable Depending on the driver set used, the AN2720SC can perform the following functions: * USB networking * File transfer * Windows CE synchronization * Printer sharing
Software
The software provided by Anchor Chips runs on Windows 95 and Windows 98 and is a miniport device driver software which emulates a network interface connector. It manages the USB protocol and the PC-to-PC data flow. The EZ-Link Ethernet device driver is written to the NDIS (Network Driver Interface Specification) standard and provides a standard Windows interface to the resources of the hardware. To the end user, EZ-Link appears and behaves like an Ethernet card even though no physical network interface card is present. Thus, users can use standard Windows interface such as Windows Explorer, Network Neighborhood and standard file sharing security features. Bridging software that allows users to access corporate LANs will be available in first quarter1999.
System Diagram
VBUS
VBUS S I E
2 K ilo byte F IF O
C om puter A
U S B
D+ DGND
S I E
D+ DGND
U S B
C om puter B
AN 2720S C
Anchor Chips Incorporated 12396 World Trade Drive * M/S 212 * San Diego, CA 92128 Voice (619) 613-7900 * Fax (619) 676-6896 Anchor Chips Incorporated Europe Saville Court * Saville Place * Clifton * Bristol BS8 4EJ * UK Voice (44) 117 9001606 * Fax (44) 117 9237598
www.anchorchips.com www.ezlinkusb.com
EZ-Link and EZ-USB are trademarks of Anchor Chips Incorporated. Specifications are subject to change without notice. Patients pending. (c) 1998, Anchor Chips Incorporated All rights reserved. 11/98


▲Up To Search▲   

 
Price & Availability of AN2720SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X